Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1600EIP55 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS62LV1600EIP55
Description  Very Low Power CMOS SRAM 2M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1600EIP55 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS62LV1600EIP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1600EIP55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BS62LV1600
R0201-BS62LV1600
Revision
2.3
May.
2006
9
n PACKAGE DIMENSIONS (continued)
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D
0.1
D1
SOLDER BALL
0.35 ±0.05
VIEW A
3.375
48 mini-BGA (9mm x 12mm)


Similar Part No. - BS62LV1600EIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600EIP55 BSI-BS62LV1600EIP55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1600EIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1603 BSI-BS62LV1603 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com