Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV256PCP55 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV256PCP55
Description  Very Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV256PCP55 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV256PCP55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV256PCP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BS62LV256
R0201-BS62LV256
Revision
2.6
Sep.
2006
2
n PIN DESCRIPTIONS
Name
Function
A0-A14 Address Input
These 15 address inputs select one of the 32,768 x 8-bit in the RAM
CE Chip Enable Input
CE is active LOW. Chip enable must be active when data read form or write to the
device. If chip enable is not active, the device is deselected and is in standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
There 8 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
GND
Ground
n TRUTH TABLE
MODE
CE
WE
OE
I/O OPERATION
VCC CURRENT
Not selected
(Power Down)
H
X
X
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
High Z
ICC
Read
L
H
L
DOUT
ICC
Write
L
L
X
DIN
ICC
NOTES: H means VIH; L means VIL; X means don’t care (Must be VIH or VIL state)
n ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 7.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses
greater
than
those
listed
under
ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2.
–2.0V in case of AC pulse width less than 30 ns.
n OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
2.4V ~ 5.5V
Industrial
-40
OC to + 85OC
2.4V ~ 5.5V
n CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.


Similar Part No. - BS62LV256PCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256PCP55 BSI-BS62LV256PCP55 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV256PCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com