Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG772BCPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG772BCPZ-REEL7
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772BCPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG772BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG772BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG772
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
7
8
3
2
S2B
D2
S1B
D1
ADG772
TOP VIEW
(Not to Scale)
Figure 2. 10-Lead Mini LFCSP Pin Configuration
PIN 1
INDICATOR
NC = NO CONNECT
1
D1
2
S1B
3
NC
9D2
8S2B
7NC
ADG772
TOP VIEW
(Not to Scale)
Figure 3. 12-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
10-Lead Mini LFCSP
12-Lead LFCSP
Mnemonic
Description
1
12
S1A
Source Terminal. Can be an input or an output.
2
1
D1
Drain Terminal. Can be an input or an output.
3
2
S1B
Source Terminal. Can be an input or an output.
4
4
IN1
Logic Control Input. Controls Switch S1A/S1B—D1.
5
5
IN2
Login Control Input. Controls Switch S2A/S2B—D2.
6
6
VDD
Most Positive Power Supply Potential.
7
8
S2B
Source Terminal. Can be an input or an output.
8
9
D2
Drain Terminal. Can be an input or an output.
9
10
S2A
Source Terminal. Can be an input or an output.
10
11
GND
Ground (0 V) Reference.
N/A
3, 7
NC
No Connect.
TRUTH TABLE
Table 4.
Logic (IN1/IN2)
Switch A (S1A or S2A)
Switch B (S1B or S2B)
0
Off
On
1
On
Off


Similar Part No. - ADG772BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG774A AD-ADG774A Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG772BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787 AD-ADG787 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
   Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com