Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV1010EIP10 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616UV1010EIP10
Description  Ultra Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010EIP10 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616UV1010EIP10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010EIP10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BS616UV1010
R0201-BS616UV1010
Revision
2.6
May.
2006
3
n ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 5.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses
greater
than
those
listed
under
ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2.
–2.0V in case of AC pulse width less than 30 ns.
n OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
1.9V ~ 3.6V
Industrial
-40
OC to + 85OC
1.9V ~ 3.6V
n CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
1.9
--
3.6
V
VCC=2.0V
0.6
VIL
Input Low Voltage
VCC=3.0V
-0.3
(2)
--
0.8
V
VCC=2.0V
1.4
VIH
Input High Voltage
VCC=3.0V
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC,
CE= VIH or OE = VIH
--
--
1
uA
VCC = Max, IOL = 0.1mA
VCC=2.0V
0.2
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=3.0V
--
--
0.4
V
VCC = Min, IOH = -0.1mA
VCC=2.0V
1.6
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=3.0V
2.4
--
--
V
VCC=2.0V
15
ICC
Operating Power Supply
Current
CE = VIL,
IIO = 0mA, f = FMAX
(4)
VCC=3.0V
--
--
20
mA
VCC=2.0V
1.0
ICC1
Operating Power Supply
Current
CE = VIL,
IIO = 0mA, f = 1MHz
VCC=3.0V
--
--
2.0
mA
VCC=2.0V
0.5
ICCSB
Standby Current
– TTL
CE = VIH,
IIO = 0mA
VCC=3.0V
--
--
1.0
mA
VCC=2.0V
0.01
1.0
ICCSB1
(5)
Standby Current
– CMOS
CE≧VCC-0.2V
VIN≧VCC-0.2V or VIN≦0.2V
VCC=3.0V
--
0.02
1.5
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC(MIN.).
5. ICC (MAX.) is 13mA/18mA at VCC=2.0V/3.0V and TA=70
OC.
6. ICCSB1(MAX.) is 0.5uA/1.0uA at VCC=2.0V/3.0V and TA=70
OC.


Similar Part No. - BS616UV1010EIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010EIP10 BSI-BS616UV1010EIP10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010EIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com