Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8017DIG70 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS616LV8017DIG70
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017DIG70 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS616LV8017DIG70 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017DIG70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BS616LV8017
R0201-BS616LV8017
Revision
2.3
May.
2006
2
n PIN DESCRIPTIONS
Name
Function
A0-A18 Address Input
These 19 address inputs select one of the 524,288 x 16-bit in the RAM
CE Chip Enable Input
CE is active LOW. Chip enable must be active when data read form or write to the
device. If chip enable is not active, the device is deselected and is in standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
DQ0-DQ15 Data Input/Output
Ports
There 16 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
VSS
Ground
n TRUTH TABLE
MODE
CE
WE
OE
LB
UB
IO0~IO7
IO8~IO15
VCC CURRENT
H
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
Chip De-selected
(Power Down)
X
X
X
H
H
High Z
High Z
ICCSB, ICCSB1
L
H
H
L
X
High Z
High Z
ICC
Output Disabled
L
H
H
X
L
High Z
High Z
ICC
L
L
DOUT
DOUT
ICC
H
L
High Z
DOUT
ICC
Read
L
H
L
L
H
DOUT
High Z
ICC
L
L
DIN
DIN
ICC
H
L
X
DIN
ICC
Write
L
L
X
L
H
DIN
X
ICC
NOTES: H means VIH; L means VIL; X means don’t care (Must be VIH or VIL state)


Similar Part No. - BS616LV8017DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017DIG70 BSI-BS616LV8017DIG70 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com