Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMC582LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC582LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC582LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC582LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10
10 - 231
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vcc(Dig), Vcc(Amp), Vcc(RF)
+5.5 Vdc
Vtune
0 to +15V
Junction Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 43.5 mW/C above 85 °C
2.17 W
Thermal Resistance
(junction to ground paddle)
23 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
320
5.00
350
5.25
380
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC582LP5
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H582
XXXX
HMC582LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H582
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
v00.0407
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5 / 582LP5E


Similar Part No. - HMC582LP5

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Analog Devices
Analog Devices
HMC582LP5 AD-HMC582LP5 Datasheet
379Kb / 6P
   Military End-Use
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5E HITTITE-HMC582LP5E Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Analog Devices
Analog Devices
HMC582LP5E AD-HMC582LP5E Datasheet
379Kb / 6P
   Military End-Use
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5_11 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
More results

Similar Description - HMC582LP5

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5_11 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC529LP5 HITTITE-HMC529LP5 Datasheet
370Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
Analog Devices
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC632LP5 HITTITE-HMC632LP5 Datasheet
393Kb / 9P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz