Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMC582LP5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC582LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC582LP5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC582LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC582LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10
10 - 232
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1-3, 5, 8-11,
13-18, 20,
22-28, 30-32
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
4
RFOUT/4
Divide-by-4 output. DC block required.
6Vcc (Dig)
Supply voltage for prescaler. If prescaler is not
required, this pin may be left open to conserve
approximately 65 mA of current.
7Vcc (Amp)
Supply voltage for RFOUT/2 output. If RFOUT/2
is not required, this pin may be left open to
conserve approximately 30 mA of current.
12
RFOUT/2
Half frequency output (AC coupled).
19
RF OUT
RF output (AC coupled).
21
Vcc (RF)
Supply Voltage, +5V
29
VTUNE
Control voltage and modulation input. Modulation
bandwidth dependent on drive source impedance. See
“Determining the FM Bandwidth of a Wideband Varac-
tor Tuned VCO” application note.
GND
Package bottom has an exposed metal paddle that
must be connected to RF/DC ground.
Pin Descriptions
v00.0407
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5 / 582LP5E


Similar Part No. - HMC582LP5

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Analog Devices
Analog Devices
HMC582LP5 AD-HMC582LP5 Datasheet
379Kb / 6P
   Military End-Use
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5E HITTITE-HMC582LP5E Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
Analog Devices
Analog Devices
HMC582LP5E AD-HMC582LP5E Datasheet
379Kb / 6P
   Military End-Use
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5_11 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
More results

Similar Description - HMC582LP5

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5_11 Datasheet
445Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC529LP5 HITTITE-HMC529LP5 Datasheet
370Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
Analog Devices
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC632LP5 HITTITE-HMC632LP5 Datasheet
393Kb / 9P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz