Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514S112B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1514S112B
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514S112B Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1514S112B Datasheet HTML 1Page - RICOH electronics devices division R1514S112B Datasheet HTML 2Page - RICOH electronics devices division R1514S112B Datasheet HTML 3Page - RICOH electronics devices division R1514S112B Datasheet HTML 4Page - RICOH electronics devices division R1514S112B Datasheet HTML 5Page - RICOH electronics devices division R1514S112B Datasheet HTML 6Page - RICOH electronics devices division R1514S112B Datasheet HTML 7Page - RICOH electronics devices division R1514S112B Datasheet HTML 8Page - RICOH electronics devices division R1514S112B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
R1514x
3
PIN CONFIGURATIONS
SOT-89-5
HSOP-6J
1
3
5
4
2
13
64
2
5
PIN DESCRIPTIONS
SOT-89-5
HSOP-6J
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT
Output Pin
1
VOUT
Output Pin
2
GND*
Ground Pin
2
GND*
Ground Pin
3
CE
Chip Enable Pin
("H" Active)
3
CE
Chip Enable Pin
("H" Active)
4
GND*
Ground Pin
4
GND*
Ground Pin
5
VDD
Input Pin
5
GND*
Ground Pin
6
VDD
Input Pin
*) No.2 pin and No.4 pin of SOT-89-5 package must be wired to the GND plane. No.2 pin, No.4 pin and No.5
pin of HSOP-6J package must be wired to the GND plane when it is mounted on board.


Similar Part No. - R1514S112B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514S100B-E2-FE RICOH-R1514S100B-E2-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514S120B NISSHINBO-R1514S120B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
logo
RICOH electronics devic...
R1514S120B-E2-FE RICOH-R1514S120B-E2-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514S120B-E2-FE NISSHINBO-R1514S120B-E2-FE Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1514S112B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com