Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ACT8990 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ACT8990
Description  TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT8990 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54ACT8990 Datasheet HTML 4Page - Texas Instruments SN54ACT8990 Datasheet HTML 5Page - Texas Instruments SN54ACT8990 Datasheet HTML 6Page - Texas Instruments SN54ACT8990 Datasheet HTML 7Page - Texas Instruments SN54ACT8990 Datasheet HTML 8Page - Texas Instruments SN54ACT8990 Datasheet HTML 9Page - Texas Instruments SN54ACT8990 Datasheet HTML 10Page - Texas Instruments SN54ACT8990 Datasheet HTML 11Page - Texas Instruments SN54ACT8990 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN54ACT8990, SN74ACT8990
TEST-BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SCAS190E – JUNE 1990 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
SN54ACT8990
SN74ACT8990
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
30
0
30
MHz
RD low†
5.5
ns
WR low
5.5
5.5
tw
Pulse duration
EVENT high or low
8
8
ns
TCKI high or low
10.5
10.5
ns
TRST low
6
6
ADRS† before RD
6.5
ns
ADRS before WR
6.5
6.5
DATA before WR
6
6
tsu
Setup time
EVENT before TCKI
6
5.5
ns
EVENT before TCKI
5
5
ns
TDI before TCKI
2
2
TDI before TCKI
2
2
ADRS† after RD
5
ns
ADRS after WR
5.5
5
DATA after WR
5.5
5.5
th
Hold time
EVENT after TCKI
5.5
5
ns
EVENT after TCKI
5
5
ns
TDI after TCKI
4
2.5
TDI after TCKI
4
2.5
† Applies only in the case where ADRS (4-0) = 10110 (read buffer).


Similar Part No. - SN54ACT8990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990GB TI-SN54ACT8990GB Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990HV TI-SN54ACT8990HV Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN54ACT8990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54LVT8980 TI-SN54LVT8980_06 Datasheet
576Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54LVT8980 TI-SN54LVT8980 Datasheet
495Kb / 34P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN74LVT8980A-EP TI1-SN74LVT8980A-EP Datasheet
828Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLER IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54LVT8980A TI-SN54LVT8980A Datasheet
575Kb / 35P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTER WITH 8-BIT GENERIC HOST INTERFACES
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
[Old version datasheet]   SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com