Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10NK80Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP10NK80Z
Description  N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK80Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP10NK80Z_06 Datasheet HTML 7Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 8Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 9Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 10Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 11Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 12Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 13Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 14Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STP10NK80ZFP - STP10NK80Z - STW10NK80Z
Package mechanical data
11/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA


Similar Part No. - STP10NK80Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
logo
Inchange Semiconductor ...
STP10NK80ZFP ISC-STP10NK80ZFP Datasheet
303Kb / 2P
   N-Channel Super Junction MOSFET
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
More results

Similar Description - STP10NK80Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
   N-channel 600V - 0.45廓 - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
   N-channel 400V - 0.49廓 - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
   N-channel 500 V, 0.40 廓, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESHTM Power MOSFET
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
STP5N120 STMICROELECTRONICS-STP5N120 Datasheet
186Kb / 10P
   N-channel 1200V - 2.8廓 - 4.4A - TO-220 Zener - protected SuperMESHTM Power MOSFET
STB13NK60Z STMICROELECTRONICS-STB13NK60Z_05 Datasheet
369Kb / 17P
   N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z_05 Datasheet
269Kb / 14P
   N-channel 800V - 0.53廓 - 12A - TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com