Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS8H100G-TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS8H100G-TR
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100G-TR Datasheet(HTML) 8 Page - STMicroelectronics

  STPS8H100G-TR Datasheet HTML 1Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 2Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 3Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 4Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 5Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 6Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 7Page - STMicroelectronics STPS8H100G-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
STPS8H100D/F/G/R/FP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
I
2PAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60 0.169
0.181
A1
2.49
2.69 0.098
0.106
b
0.70
0.93 0.028
0.037
b1
1.20
1.38 0.047
0.054
b2
1.25
1.40
0.049 0.055
C
0.45
0.60 0.018
0.024
C2
1.21
1.36 0.048
0.054
D
8.95
9.35 0.352
0.368
e
2.44
2.64 0.096
0.104
E
10.00
10.28 0.394
0.405
L
13.10
13.60 0.516
0.535
L1
3.48
3.78 0.137
0.149
L2
1.27
1.40 0.050
0.055
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS8H100D
STPS8H100D
TO-220AC
1.86g
50
Tube
STPS8H100F
STPS8H100F
ISOWATT220AC
2.00g
50
Tube
STPS8H100FP
STPS8H100FP
TO-220FPAC
1.9 g
50
Tube
STPS8H100R
STPS8H100R
I
2PAK
1.49g
50
Tube
STPS8H100G
STPS8H100G
D
2PAK
1.48g
50
Tube
STPS8H100G-TR
STPS8H100G
D
2PAK
1.48g
500
Tape & reel
s
Epoxy meets UL94,V0


Similar Part No. - STPS8H100G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
131Kb / 9P
   High voltage power Schottky rectifier
More results

Similar Description - STPS8H100G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com