Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1515H043B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1515H043B
Description  50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1515H043B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1515H043B Datasheet HTML 5Page - RICOH electronics devices division R1515H043B Datasheet HTML 6Page - RICOH electronics devices division R1515H043B Datasheet HTML 7Page - RICOH electronics devices division R1515H043B Datasheet HTML 8Page - RICOH electronics devices division R1515H043B Datasheet HTML 9Page - RICOH electronics devices division R1515H043B Datasheet HTML 10Page - RICOH electronics devices division R1515H043B Datasheet HTML 11Page - RICOH electronics devices division R1515H043B Datasheet HTML 12Page - RICOH electronics devices division R1515H043B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
R1515x
9
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1515x020B
R1515x030B
0
150
100
50
200
Output Current IOUT(mA)
0
2.5
1.5
1.0
0.5
2.0
VIN=3.5V
VIN=4.0V
VIN=4.5V
VIN=5.0V
0
150
100
50
200
Output Current IOUT(mA)
0
3.5
1.5
1.0
0.5
2.5
2.0
3.0
VIN=4.5V
VIN=5.0V
VIN=5.5V
VIN=6.0V
R1515x050B
R1515x090B
0
150
100
50
200
Output Current IOUT(mA)
0
6
3
2
1
5
4
VIN=6.5V
VIN=7.0V
VIN=7.5V
VIN=8.0V
0
150
100
50
200
Output Current IOUT(mA)
0
10
6
4
2
8
VIN=10.5V
VIN=11.0V
VIN=11.5V
VIN=12.0V
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1515x020B
R1515x030B
030
20
10
40
Input Voltage VIN(V)
1.0
3.0
2.5
2.0
1.5
IOUT= 1mA
IOUT=20mA
IOUT=40mA
030
20
10
40
Input Voltage VIN(V)
2.0
4.0
3.5
3.0
2.5
IOUT= 1mA
IOUT=20mA
IOUT=40mA


Similar Part No. - R1515H043B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515H020B-T1-FE NISSHINBO-R1515H020B-T1-FE Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1515H043B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7384 DIODES-AP7384 Datasheet
643Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
November 2018
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Diodes Incorporated
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com