Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK691024D Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK691024D
Description  65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK691024D Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK691024D Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK691024D Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4
= Dynamic RAM
5
= CMOS Dynamic RAM
6
= Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
=
64K
4096
= 4 MEG
256 =
256K
8192
= 8 MEG
1024 =
1 MEG
16384
= 16
MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT
2 NEW PASTURE ROAD, SUITE 1
NEWBURYPORT, MA 01950-4054
Phone:
978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet:
www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibility
for the use of any circuitry described; no circuit patent licenses are
implied. Preliminary data sheets contain minimum and maximum
limits based upon design objectives, which are subject to change
upon full characterization over the specific operating conditions.
MECHANICAL DIMENSIONS
Inches
The numbers and coding on this page do not include all variations
available but are show as examples of the most widely used variations.
Contact Accutek if other information is required.
EXAMPLES:
AK63264AW-12
64K x 32, 12 nSEC, SRAM Module, SIM Configuration, Low Height


Similar Part No. - AK691024D

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK691024D ACCUTEK-AK691024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK691024D ACCUTEK-AK691024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK691024D ACCUTEK-AK691024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK691024D ACCUTEK-AK691024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK691024D ACCUTEK-AK691024D Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK691024D

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W-72 ACCUTEK-AK63264W-72 Datasheet
96Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS 72 Pin Format Static Random Access Memory
AK632256AW ACCUTEK-AK632256AW Datasheet
111Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63232Z ACCUTEK-AK63232Z Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK632512AW ACCUTEK-AK632512AW Datasheet
88Kb / 2P
   524,288 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ Datasheet
114Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632256W ACCUTEK-AK632256W Datasheet
137Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W Datasheet
149Kb / 2P
   1,048,576 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com