Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514H073B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1514H073B
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514H073B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1514H073B Datasheet HTML 1Page - RICOH electronics devices division R1514H073B Datasheet HTML 2Page - RICOH electronics devices division R1514H073B Datasheet HTML 3Page - RICOH electronics devices division R1514H073B Datasheet HTML 4Page - RICOH electronics devices division R1514H073B Datasheet HTML 5Page - RICOH electronics devices division R1514H073B Datasheet HTML 6Page - RICOH electronics devices division R1514H073B Datasheet HTML 7Page - RICOH electronics devices division R1514H073B Datasheet HTML 8Page - RICOH electronics devices division R1514H073B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
R1514x
5
ELECTRICAL CHARACTERISTICS
R1514xxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
4
36
V
ISS
Supply Current
VIN
=VOUT+3.0V, IOUT=0mA
9
20
µA
Istandby
Standby Current
VIN
=36V, VCE=0V
0.1
1.0
µA
VOUT
Output Voltage
VIN
=VOUT+3.0V, IOUT=1mA
×0.98
×1.02
V
IOUT
Output Current
VIN
=VOUT+3.0V
Refer to the following table
∆VOUT/∆IOUT
Load Regulation
VIN
=VOUT+3.0V,
1mA <
= IOUT <
= 40mA
Refer to the following table
∆VOUT/∆VIN
Line Regulation
VOUT
+1.5V <
= VIN <
= 36V, IOUT=1mA
0.05
0.20
%/V
VDIF
Dropout Voltage
IOUT
=20mA
Refer to the following table
∆VOUT/∆Topt
Output Voltage
Temperature Coefficient
VIN
=VOUT+3.0V, IOUT=1mA
−40°C <
= Topt <
= 105°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
45
mA
VCEH
CE Input Voltage "H"
1.5
VIN
V
VCEL
CE Input Voltage "L"
0
0.3
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
125
°C
Output Current by Output Voltage
Topt
=25°C
Load Regulation by Output Voltage
Topt
=25°C
Dropout Voltage by Output Voltage
Topt
=25°C
Output Current
IOUT (mA)
Output Voltage
VOUT (V)
Condition
Min.
2.0 <
= VOUT < 3.0
100
3.0 <
= VOUT < 5.0
120
5.0 <
= VOUT <
= 12.0
VIN
=VOUT+3.0V
150
Load Regulation
∆VOUT/∆IOUT (mV)
Output Voltage
VOUT (V)
Conditions
Typ.
Max.
2.0 <
= VOUT < 5.0
10
25
5.0 <
= VOUT <
= 12.0
VIN
=VOUT+3.0V
1mA <
= IOUT <
= 40mA
20
35
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
2.0 <
= VOUT < 2.5
0.60
1.20
2.5 <
= VOUT < 3.0
0.40
0.85
3.0 <
= VOUT < 4.0
0.35
0.60
4.0 <
= VOUT < 5.0
0.25
0.40
5.0 <
= VOUT <
= 12.0
IOUT
=20mA
0.20
0.35


Similar Part No. - R1514H073B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514H020B-T1-FE RICOH-R1514H020B-T1-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514H020B-T1-FE NISSHINBO-R1514H020B-T1-FE Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514H025B NISSHINBO-R1514H025B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
logo
RICOH electronics devic...
R1514H025B-T1-FE RICOH-R1514H025B-T1-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514H025B-T1-YE NISSHINBO-R1514H025B-T1-YE Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results

Similar Description - R1514H073B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com