Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5104V Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5104V
Description  Microprocessor power management with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5104V Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5104V Datasheet HTML 3Page - RICOH electronics devices division R5104V Datasheet HTML 4Page - RICOH electronics devices division R5104V Datasheet HTML 5Page - RICOH electronics devices division R5104V Datasheet HTML 6Page - RICOH electronics devices division R5104V Datasheet HTML 7Page - RICOH electronics devices division R5104V Datasheet HTML 8Page - RICOH electronics devices division R5104V Datasheet HTML 9Page - RICOH electronics devices division R5104V Datasheet HTML 10Page - RICOH electronics devices division R5104V Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
R5104V
7
(Unless otherwise specified, VIN
=CE=VISENSE =12V, IOUT=100mA, CCTW=0.1µF, CD=0.01µF)
R5104V007A (Overall)
Topt=25
°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Voltage
36
V
ISS
Supply Current
IOUT
=0mA
45
80
µA
Ioff
Supply Current (WDT inactive)
VIN
=12V, CE=0V
45
80
µA
VCEH
CE Input Voltage “H”
2.0
VIN+0.3
V
VCEL
CE Input Voltage “L”
0.00
0.25
V
VR part
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
×0.98
×1.02
V
IOUT
Output Current(*1)
VIN
=12V
1.0
A
VDIF
Dropout Voltage(*1)
IOUT
=300mA
50
mV
∆VOUT/∆IOU
T
Load Regulation(*1)
VIN
=12V ,1mA <
= IOUT <
= 1A
15
60
mV
∆VOUT/
∆VIN
Line Regulation(*1)
IOUT=100mA
VOUT+1V <
= VIN <
= 36V
0.05
0.10
%/V
∆VOUT/
∆Topt
Output Voltage Temperature
Coefficient (*1)
-40
°C <
= Topt <
= 125°C
±50
ppm/
°C
ISINK1
EXT Output Sink Current Limit
VIN=12V, VOUT=VOUT-0.2V
9
14
20
mA
ISINK2
EXT Output Sink Current Limit
(Output short)
VIN=12V, VOUT=0V
0.20
0.50
0.85
mA
VISENSE
Current Limit Detector
Threshold
0.23
0.30
0.37
V
RR
Ripple Rejection
VIN
=VOUT+1V,f=1kHz,
500mVp-p
55
dB
*1) Depending on the capability of an external PNP transistor. Use an hFE with approximately 100 to 300. The
output current does not always mean continuous current because of the limit of power dissipation of PNP
transistor.
VD part
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
×0.98
×1.02
V
VHYS
Hysteresis Range
(-VDET)
×0.01
(-VDET)
×0.02
(-VDET)
×0.03
V
∆-VDET/
∆Topt
Detector Threshold Temperature
Coefficient
-40°C <
= Topt <
= 125°C
±50
ppm/°C
VTCD
CD pin detector threshold
2.35
2.50
2.65
V
ICD
Internal Current value for
Delay Time Setting
0.12
0.30
0.47
µA
VINL
Minimum Operating Voltage
VOUT pin Voltage
2.0
V
WDT part
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
tWD
Watchdog Timeout period
CTW
=0.1µF
200
300
510
ms
tWR
Reset Hold Time of WDT
CTW
=0.1µF
35
70
130
ms
VIHSCK
SCK Input Voltage “H”
0.8
×VOUT
VDD+0.3
V
VILSCK
SCK Input Voltage “L”
0.0
0.1
V
-VDET >
= 3.0V
500
TSCKW
SCK Input Pulse Width
-VDET <
= 2.9V
5000
ns


Similar Part No. - R5104V

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R510 POWEREX-R510 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
logo
List of Unclassifed Man...
R510-000-000 ETC2-R510-000-000 Datasheet
34Kb / 2P
   ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
logo
Powerex Power Semicondu...
R5100110 POWEREX-R5100110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100115 POWEREX-R5100115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100210 POWEREX-R5100210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5104V

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com