Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1212D101A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1212D101A
Description  STEP-UP DC/DC CONTOLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1212D101A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1212D101A Datasheet HTML 7Page - RICOH electronics devices division R1212D101A Datasheet HTML 8Page - RICOH electronics devices division R1212D101A Datasheet HTML 9Page - RICOH electronics devices division R1212D101A Datasheet HTML 10Page - RICOH electronics devices division R1212D101A Datasheet HTML 11Page - RICOH electronics devices division R1212D101A Datasheet HTML 12Page - RICOH electronics devices division R1212D101A Datasheet HTML 13Page - RICOH electronics devices division R1212D101A Datasheet HTML 14Page - RICOH electronics devices division R1212D101A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
R1212D
11
Output Voltage Setting Method and Phase Compensation Making Method
• The feedback voltage is controlled into 1.0V. The output voltage can be set with divider resistors for voltage
setting, R1 and R2 as shown in typical application of the previous page. Refer to the next formula.
Output Voltage
= VFB× (R1+R2)/R2
Output Voltage is adjustable with setting various resistor values combination.
R1
+R2 should be equal or less than 500kΩ
As for the DC/DC converter, depending on the load current and external components such as L and C, phase
may loss around 180°. In such case, phase margin becomes less and may be unstable. To avoid this situation,
make the phase margin more. The pole is made with external components L and C.
Fpole
∼1/{2×π×
(
)
3
C
L
×
}
C4, C5, R3, and R4 shown in the diagram are for making phase compensation. The gain of the system can be
set with using these resistors and capacitors. Each value in the diagram is just an example.
R4 and C5 make zero (the backward phase).
Fzero
∼1/(2×π×R4×C5)
Choose the R4 and C5 value so as to make the cutoff frequency of this zero point close to the cutoff frequency of
the pole by external components, L and C.
For example, supposed that L
=10µH and COUT (C3) =10µF, the cutoff frequency of the pole is approximately
16kHz. Therefore make the cutoff frequency of the zero point close to 16kHz. Then R4
=4.7kΩ and C5=1000pF
are appropriate values.
As for setting the gain, the ratio of the composite resistor (RT: RT
=R1×R2/(R1+R2)) to R4 is the key.
If the R4 against the composite resistor, RT, is large, the gain becomes also large. If the gain is large, the
response characteristic is improved, however, too large gain makes the system be unstable.
If the spike noise of VOUT may be large, the spike noise may be picked into VFB pin, and the unstable operation
may result. In this case, a resistor R3, shown in typical application of the previous page. The recommended
resistance value of R3 is in the range from 1k
Ω to 5kΩ. Then, noise level will be decreased.
Further, R1 and C4 makes another zero point (the backward phase).
Fzero
∼1/(2×π×R1×C4)
Make the cutoff frequency of this zero point be lower than the cutoff frequency of the pole by external
components, or, L and C. Herein, R1
=180kΩ and C4=1000pF are appropriate values.
• Select the Power MOSFET, the diode, capacitors and the inductor within ratings (Voltage, Current, Power) of
this IC. Choose the power MOSFET with low threshold voltage depending on the input voltage to be able to
turn on the FET completely. Choose the diode with low VF such as Shottky type with low reverse current IR,
and with fast switching speed. When an external transistor is switching, spike voltage may be generated
caused by an inductor, therefore recommended voltage tolerance of capacitor connected to VOUT is twice as
much as the setting voltage or more.
• The soft-start time and the maximum duty cycle setting method
The soft-start time and the maximum duty cycle can be set with R5, R6, and C7 values connected to the
VREFOUT pin and the DTC pin. (Refer to the timing chart: Soft-start operation.)


Similar Part No. - R1212D101A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1212D RECOM-R1212D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R1212D101A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1215D RICOH-R1215D Datasheet
499Kb / 22P
   STEP-UP DC/DC CONTOLLER
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com