Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5104V004B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5104V004B
Description  Microprocessor power management with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5104V004B Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5104V004B Datasheet HTML 1Page - RICOH electronics devices division R5104V004B Datasheet HTML 2Page - RICOH electronics devices division R5104V004B Datasheet HTML 3Page - RICOH electronics devices division R5104V004B Datasheet HTML 4Page - RICOH electronics devices division R5104V004B Datasheet HTML 5Page - RICOH electronics devices division R5104V004B Datasheet HTML 6Page - RICOH electronics devices division R5104V004B Datasheet HTML 7Page - RICOH electronics devices division R5104V004B Datasheet HTML 8Page - RICOH electronics devices division R5104V004B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
R5104V
3
SELECTION GUIDE
The selection can be made with designating the part number as shown below:
R5104Vxxxx-xx-x←Part Number
↑ ↑ ↑ ↑ ↑
a b
c d e
Code
Contents
a
Designation of Package Type;
V: SSOP-10 (3.1mm
×6.4mm)
b
Serial Number for Voltage setting combination from 001
c
Alphabetical Code for Mask Versions (Power-down mode)
A: Watchdog timer off type
B: Standby mode type
d
Designation of Taping TypeE2 is described as standard.
e
Designation of composition of Pin Plating.
-F: Lead free Plating
PIN CONFIGURATION
SSOP-10
1
2
3
4
5
10
9
8
7
6
PIN DESCRIPTIONS
Pin No
Symbol
Pin Description
1
VDD
Power supply Pin Clock
2
ISENSE
Sense Pin for Current Limit of VR.
Monitoring the dropout voltage generated at an external resistor
between pin 1 and pin 2, if the dropout exceeds 0.3V (Typ.),
the current limit works.
3
VOUT
Output Pin for Voltage Regulator
4
EXT
External Transistor Drive Pin
5
RESET
Output Pin for Reset signal of Watchdog timer and Voltage Detector.
(Output Type is Nch Open Drain, Output “L” at detecting Detector
Threshold and Watchdog Timer Reset.)
6
SCK
Clock Input Pin from Microprocessor
7
CTW
External Capacitor Pin for Setting Reset and Watchdog Timeout
Periods
8
CD
External Capacitor Pin for Setting Delay Time of Voltage Detector
9
CE
Control Switch Pin for halting Watchdog timer (A version),
or Chip Enable Pin (B version)
10
GND
Ground Pin


Similar Part No. - R5104V004B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R510 POWEREX-R510 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
logo
List of Unclassifed Man...
R510-000-000 ETC2-R510-000-000 Datasheet
34Kb / 2P
   ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
logo
Powerex Power Semicondu...
R5100110 POWEREX-R5100110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100115 POWEREX-R5100115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100210 POWEREX-R5100210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5104V004B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com