Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1182K181B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1182K181B
Description  Low Voltage 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182K181B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1182K181B Datasheet HTML 1Page - RICOH electronics devices division R1182K181B Datasheet HTML 2Page - RICOH electronics devices division R1182K181B Datasheet HTML 3Page - RICOH electronics devices division R1182K181B Datasheet HTML 4Page - RICOH electronics devices division R1182K181B Datasheet HTML 5Page - RICOH electronics devices division R1182K181B Datasheet HTML 6Page - RICOH electronics devices division R1182K181B Datasheet HTML 7Page - RICOH electronics devices division R1182K181B Datasheet HTML 8Page - RICOH electronics devices division R1182K181B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
R1182x
ELECTRICAL CHARACTERISTICS
R1182xxx1B/D
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT > 1.5V
×0.99
×1.01
VOUT
Output Voltage
VIN
=Set VOUT+1V
IOUT
=1mA
VOUT <
= 1.5V (−15mV)
(
+15mV)
V
IOUT
Output Current
VIN
−VOUT=1.0V
150
mA
∆VOUT/
∆IOUT
Load Regulation
VIN
=Set VOUT+1V
1mA <
= IOUT <
= 150mA
30
80
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS
by OUTPUT VOLTAGE
ISS
Supply Current
VIN
=Set VOUT+1V, IOUT=0mA
3.0
7.0
µA
Istandby
Supply Current (Standby)
VIN
=Set VOUT+1V, VCE=GND
0.1
1.0
µA
∆VOUT/
∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
=30mA
0.1
0.3
%/V
RR
Ripple Rejection
f
=1kHz
f
=10kHz
VOUT
=1.5V,IOUT=30mA
55
40
dB
VIN
Input Voltage
1.5
6.0
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
IPD
CE Pull-down Current
0.05
0.30
0.55
µA
VCEH
CE Input Voltage ”H”
1.0
6.0
V
VCEL
CE Input Voltage ”L”
0.0
0.4
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms
RLOW
Nch Tr.On resistance for
auto discharge function
(Only applied to D Version)
CE
=”L”
50
4


Similar Part No. - R1182K181B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D RICOH-R1180D Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B RICOH-R1180D121B Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B-TR-FE RICOH-R1180D121B-TR-FE Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D121C RICOH-R1180D121C Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
More results

Similar Description - R1182K181B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com