Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP1082 Datasheet(PDF) 10 Page - Power Innovations Ltd

Part # TISP1082
Description  DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP1082 Datasheet(HTML) 10 Page - Power Innovations Ltd

Back Button TISP1082 Datasheet HTML 3Page - Power Innovations Ltd TISP1082 Datasheet HTML 4Page - Power Innovations Ltd TISP1082 Datasheet HTML 5Page - Power Innovations Ltd TISP1082 Datasheet HTML 6Page - Power Innovations Ltd TISP1082 Datasheet HTML 7Page - Power Innovations Ltd TISP1082 Datasheet HTML 8Page - Power Innovations Ltd TISP1082 Datasheet HTML 9Page - Power Innovations Ltd TISP1082 Datasheet HTML 10Page - Power Innovations Ltd TISP1082 Datasheet HTML 11Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TISP1082
DUAL ASYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
10
NOVEMBER 1986 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Similar Part No. - TISP1082

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP1082F3 POINN-TISP1082F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP1082F3 BOURNS-TISP1082F3 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP1082L POINN-TISP1082L Datasheet
134Kb / 6P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP1082

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP1082L POINN-TISP1082L Datasheet
134Kb / 6P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
TCP135K2 MICROSEMI-TCP135K2 Datasheet
184Kb / 3P
   DUAL ASYMMETRICAL TRANSIENT SUPPRESSOR
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com