Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5212D017A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R5212D017A
Description  Step-down DC/DC Converter with VR and Reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5212D017A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R5212D017A Datasheet HTML 4Page - RICOH electronics devices division R5212D017A Datasheet HTML 5Page - RICOH electronics devices division R5212D017A Datasheet HTML 6Page - RICOH electronics devices division R5212D017A Datasheet HTML 7Page - RICOH electronics devices division R5212D017A Datasheet HTML 8Page - RICOH electronics devices division R5212D017A Datasheet HTML 9Page - RICOH electronics devices division R5212D017A Datasheet HTML 10Page - RICOH electronics devices division R5212D017A Datasheet HTML 11Page - RICOH electronics devices division R5212D017A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
R5212D
8
R5212DxxxD
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
3.0
5.5
V
IDD
Supply Current
VIN
=5.0V, VOUT1=0V
400
800
µA
VUVLO2
UVLO Release Voltage
2.35
2.50
2.65
V
VUVLOHYS
UVLO Detector Threshold
Voltage Hysteresis
0.05
0.15
0.25
V
DC/DC Part
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT1
DC/DC Output Voltage
VIN
=5.0V, at no load
OPEN LOOP
VOUT1
×0.98
VOUT1
×1.02
V
∆VOUT1/
∆Topt
DC/DC Output Voltage
Temperature Coefficient
40
°C <
= Topt <
= 85°C
±100
ppm
/
°C
fosc
Oscillator Frequency
VIN
=5.0V
960
1200
1440
kHz
RLX
Lx on Resistance
VIN
=5.0V, ILX=100mA
0.4
0.8
ILXleak
Lx Leakage Current
VIN
=VOUT1=5.5V, VLX=0V
0.01
5.00
µA
ILXLIM
Lx Current Limit
VIN
=5.0V
600
850
mA
Maxduty
Maximum duty cycle
100
%
tstart
Soft-start Time
VIN
=5.0V
0.35
1.00
3.00
ms
VR Part
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT2
VR Output Voltage
VOUT1
=3.3V
IOUT2
=10mA
VOUT2
×0.98
VOUT2
×1.02
V
IOUT2
Maximum Output Current of VR
VIN
=5.0V, VOUT1=3.3V
200
mA
VREG2
VR Load Regulation
VIN
−VOUT2=0V
1mA <
= IOUT2 <
= 80mA
20
60
mV
VDIF2
Dropout Voltage
IOUT2
=100mA
0.2
0.3
V
ILIM2
Short Current Limit
VOUT2
=0V
50
mA
∆VOUT2/
∆Topt
VR Output Voltage
Temperature Coefficient
40
°C <
= Topt <
= 85°C
±100
ppm
/
°C
VD Part
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
VD Detector Threshold
−VDET
×0.975
−VDET
×1.025
V
∆−VDET/
∆Topt
VD Detector Threshold
Temperature Coefficient
40
°C <
= Topt <
= 85°C
±100
ppm
/
°C
VHYS
Hysteresis Range
−VDET
×0.05
V
tPLH
VD Output Delay Time for
Release
VIN
=VDOUT=−VDET×0.9 to 5.0
10
50
120
ms
IDOUTL
VDOUT “L” Output Current
VIN
=2.0V, VDOUT=0.1V
2
7
20
mA


Similar Part No. - R5212D017A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5212D017A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Maxim Integrated Produc...
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
logo
Torex Semiconductor
XC9515 TOREX-XC9515 Datasheet
360Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com