Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5322N005B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5322N005B-TR
Description  120mA 2ch LDO REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5322N005B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5322N005B-TR Datasheet HTML 3Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 4Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 5Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 6Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 7Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 8Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 9Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 10Page - RICOH electronics devices division R5322N005B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
R5322N
7
TEST CIRCUIT
R5322N
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
V
V
VOUT2
IOUT2
VOUT1
IOUT1
C2
C3
C1= Tantal 1.0
µF
C2= C3=Tantal 2.2
µF
1
2
3
4
5
6
R5322N
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
C2
C3
A
ISS
C1= 1.0
µF
C2
= C3=2.2µF
1
2
3
4
5
6
Fig.1 Standard test Circuit
Fig.2 Supply Current Test Circuit
R5322N
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
IOUT2
IOUT1
C2
C3
PG
Pulse
Generator
C2= C3=2.2
µF
1
2
3
4
5
6
R5322N
Series
CE2
VOUT2
CE1
VOUT1
VDD
GND
C1
IOUT1b
C2
C3
IOUT1a
IOUT2a
IOUT2b
C1= 1.0
µF
C2
= C3=2.2µF
1
2
3
4
5
6
Fig.3 Ripple Rejection, Line Transient Response
Fig.4 Load Transient Response Test Circuit
Test Circuit


Similar Part No. - R5322N005B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N001A RICOH-R5322N001A Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001A-TR RICOH-R5322N001A-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B RICOH-R5322N001B Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B-TR RICOH-R5322N001B-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
More results

Similar Description - R5322N005B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com