Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1182N341B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1182N341B
Description  Low Voltage 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182N341B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1182N341B Datasheet HTML 7Page - RICOH electronics devices division R1182N341B Datasheet HTML 8Page - RICOH electronics devices division R1182N341B Datasheet HTML 9Page - RICOH electronics devices division R1182N341B Datasheet HTML 10Page - RICOH electronics devices division R1182N341B Datasheet HTML 11Page - RICOH electronics devices division R1182N341B Datasheet HTML 12Page - RICOH electronics devices division R1182N341B Datasheet HTML 13Page - RICOH electronics devices division R1182N341B Datasheet HTML 14Page - RICOH electronics devices division R1182N341B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
R1182x
7) Dropout Voltage vs. Set Output Voltage (Topt
=25°C)
1.0
2.5
1.5
2.0
3.0
3.5
4.0
0
400
500
100
200
300
600
700
1mA
10mA
30mA
100mA
150mA
Set Output Voltage VREG(V)
8) Ripple Rejection vs. Input Bias Voltage (Vripple
=0.2Vp-p)
R1182x281x
R1182x281x
0
10
20
40
60
30
50
70
80
IOUT=1mA
100Hz
1kHz
10kHz
100kHz
2.9
3.0
3.1
3.2
3.3
Input Voltage VIN(V)
0
10
20
40
60
30
50
70
80
IOUT=10mA
100Hz
1kHz
10kHz
100kHz
2.9
3.0
3.1
3.2
3.3
Input Voltage VIN(V)
R1182x281x
0
10
20
40
60
30
50
70
80
IOUT=100mA
100Hz
1kHz
10kHz
100kHz
2.9
3.0
3.1
3.2
3.3
Input Voltage VIN(V)
11


Similar Part No. - R1182N341B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D RICOH-R1180D Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B RICOH-R1180D121B Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B-TR-FE RICOH-R1180D121B-TR-FE Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D121C RICOH-R1180D121C Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
More results

Similar Description - R1182N341B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com