Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP2180F3 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP2180F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP2180F3 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP2180F3 Datasheet HTML 1Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 2Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 3Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 4Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 5Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 6Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 7Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 8Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TISP2125F3, TISP2150F3, TISP2180F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
1
MARCH 1994 - REVISED SEPTEMBER 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Planar Passivated Junctions
Low Off-State Current
< 10 µA
q
Rated for International Surge Wave Shapes
q
Surface Mount and Through-Hole Options
q
UL Recognized, E132482
description
These
medium
voltage
dual
symmetrical
transient
voltage
suppressor
devices
are
designed to protect ISDN and telecommunication
applications with battery backed ringing against
transients caused by lightning strikes and a.c.
power lines. Offered in three voltage variants to
meet battery and protection requirements they
are guaranteed to suppress and withstand the
listed international lightning surges in both
polarities. Transients are initially clipped by
breakdown clamping until the voltage rises to the
breakover level, which causes the device to
DEVICE
VDRM
V
V(BO)
V
‘2125F3
100
125
‘2150F3
120
150
‘2180F3
145
180
WAVE SHAPE
STANDARD
ITSP
A
2/10 µs
FCC Part 68
175
8/20 µs
ANSI C62.41
120
10/160 µs
FCC Part 68
60
10/560 µs
FCC Part 68
45
0.5/700 µs
RLM 88
38
10/700 µs
FTZ R12
VDE 0433
CCITT IX K17/K20
50
50
50
10/1000 µs
REA PE-60
35
PACKAGE
PART # SUFFIX
Small-outline
D
Small-outline taped
and reeled
DR
Plastic DIP
P
Single-in-line
SL
crowbar. The high crowbar holding current
prevents d.c. latchup as the current subsides.
These
monolithic
protection
devices
are
fabricated in ion-implanted planar structures to
ensure precise and matched breakover control
device symbol
D PACKAGE
(TOP VIEW)
P PACKAGE
(TOP VIEW)
SL PACKAGE
(TOP VIEW)
MDXXAE
1
2
3
4
5
6
7
8
G
G
G
G
NC
T
R
NC
NC - No internal connection
1
2
3
4
5
6
7
8
R
G
T
G
T
G
G
R
Specified T terminal ratings require connection of pins 1 and 8.
Specified R terminal ratings require connection of pins 4 and 5.
MDXXAF
1
2
3
T
G
R
MDXXAG
MD23AA
G
T
R
Terminals T, R and G correspond to the
alternative line designators of A, B and C
SD2XAA


Similar Part No. - TISP2180F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180L POINN-TISP2180L Datasheet
126Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP2180F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com