Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326K017A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5326K017A
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326K017A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5326K017A Datasheet HTML 2Page - RICOH electronics devices division R5326K017A Datasheet HTML 3Page - RICOH electronics devices division R5326K017A Datasheet HTML 4Page - RICOH electronics devices division R5326K017A Datasheet HTML 5Page - RICOH electronics devices division R5326K017A Datasheet HTML 6Page - RICOH electronics devices division R5326K017A Datasheet HTML 7Page - RICOH electronics devices division R5326K017A Datasheet HTML 8Page - RICOH electronics devices division R5326K017A Datasheet HTML 9Page - RICOH electronics devices division R5326K017A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
R5326x
6
TYPICAL APPLIATION
OUT2
OUT1
IN
VOUT2
VOUT1
GND
CE1
CE2
VDD
R5326x
Series
C3
C2
C1
(External Components)
Capacitor; Ceramic Type
C1: 1
µF Ceramic
C2, C3: Refer to the following table
1.Mounting on PCB
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor with a capacitance value as much as 1.0
µF or more as C1 between VDD and GND pin, and
as close as possible to the pins.
Set external components, especially the output capacitor, as close as possible to the ICs, and make wiring as
short as possible.
2.Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use capacitos C2 and C3 which are shown below table “Recommended Ceramic capacitor for
output “If you use a tantalum type capacitor and ESR value of the capacitor is Iarge, output might be unstable.
Evaluate your circuit with considering frequency characteristics.
3. Recommended Ceramic capacitor for Output (C2, C3)
Minimum Input Voltage
Output Voltage Range
1.4V <
= VIN < 1.65
1.65 <
= VIN
0.8V <
= VOUT < 1.2V
3.3
µF or more
2.2
µF or more
1.2V <
= VOUT <
= 4.2V
3.3
µF or more
1.0
µF or more
Output Capacitors
3.3
µF (Murata) GRM219B31A335KE18B
2.2
µF (Murata) GRM155B30J225M
1.0
µF (Murata) GRM155B31A105KE15


Similar Part No. - R5326K017A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326K015-TR RICOH-R5326K015-TR Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326K017A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com