Electronic Components Datasheet Search |
|
TISP2380F3 Datasheet(PDF) 1 Page - Power Innovations Ltd |
|
TISP2380F3 Datasheet(HTML) 1 Page - Power Innovations Ltd |
1 / 18 page TISP2240F3, TISP2260F3, TISP2290F3, TISP2320F3, TISP2380F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS PRODUCT INFORMATION 1 MARCH 1994 - REVISED SEPTEMBER 1997 Copyright © 1997, Power Innovations Limited, UK Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters. TELECOMMUNICATION SYSTEM SECONDARY PROTECTION q Ion-Implanted Breakdown Region Precise and Stable Voltage Low Voltage Overshoot under Surge q Planar Passivated Junctions Low Off-State Current < 10 µA q Rated for International Surge Wave Shapes q Surface Mount and Through-Hole Options q UL Recognized, E132482 description These high voltage dual symmetrical transient voltage suppressor devices are designed to protect telecommunication applications with battery backed ringing against transients caused by lightning strikes and a.c. power lines. Offered in five voltage variants to meet battery and protection requirements they are guaranteed to suppress and withstand the listed international lightning surges in both polarities. Transients are initially clipped by breakdown clamping until the voltage rises to the breakover level, which DEVICE VDRM V V(BO) V ‘2240F3 180 240 ‘2260F3 200 260 ‘2290F3 220 290 ‘2320F3 240 320 ‘2380F3 270 380 WAVE SHAPE STANDARD ITSP A 2/10 µs FCC Part 68 175 8/20 µs ANSI C62.41 120 10/160 µs FCC Part 68 60 10/560 µs FCC Part 68 45 0.5/700 µs RLM 88 38 10/700 µs FTZ R12 VDE 0433 CCITT IX K17/K20 50 50 50 10/1000 µs REA PE-60 35 PACKAGE PART # SUFFIX Small-outline D Small-outline taped and reeled DR Plastic DIP P Single-in-line SL causes the device to crowbar. The high crowbar holding current prevents d.c. latchup as the current subsides. device symbol D PACKAGE (TOP VIEW) P PACKAGE (TOP VIEW) SL PACKAGE (TOP VIEW) MDXXAE 1 2 3 4 5 6 7 8 G G G G NC T R NC NC - No internal connection 1 2 3 4 5 6 7 8 R G T G T G G R Specified T terminal ratings require connection of pins 1 and 8. Specified R terminal ratings require connection of pins 4 and 5. MDXXAF 1 2 3 T G R MDXXAG MD23AA G T R Terminals T, R and G correspond to the alternative line designators of A, B and C SD2XAA |
Similar Part No. - TISP2380F3 |
|
Similar Description - TISP2380F3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |