Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5220K301B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5220K301B
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220K301B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5220K301B Datasheet HTML 3Page - RICOH electronics devices division R5220K301B Datasheet HTML 4Page - RICOH electronics devices division R5220K301B Datasheet HTML 5Page - RICOH electronics devices division R5220K301B Datasheet HTML 6Page - RICOH electronics devices division R5220K301B Datasheet HTML 7Page - RICOH electronics devices division R5220K301B Datasheet HTML 8Page - RICOH electronics devices division R5220K301B Datasheet HTML 9Page - RICOH electronics devices division R5220K301B Datasheet HTML 10Page - RICOH electronics devices division R5220K301B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
R5220x
7
OPERATION of step-down DC/DC converter and Output Current
The step-down DC/DC converter charges energy in the inductor when LX transistor is ON, and discharges the
energy from the inductor when LX transistor is OFF and controls with less energy loss, so that a lower output
voltage than the input voltage is obtained. The operation will be explained with reference to the following
diagrams:
<Basic Circuits>
<Current through L>
Pch Tr
L
Nch Tr
VIN
i1
VOUT
CL
i2
GND
T=1/fosc
ton
toff
topen
ILmin
ILmax
IL
Step 1: P-channel Tr. turns on and current IL (
=i1) flows, and energy is charged into CL. At this moment, IL
increases from ILmin (
=0) to reach ILmax in proportion to the on-time period (ton) of P-channel Tr.
Step 2: When P-channel Tr. turns off, Synchronous rectifier N-channel Tr. turns on in order that L maintains IL
at ILmax, and current IL (
=i2) flows.
Step 3: IL (
=i2) decreases gradually and reaches IL=ILmin=0 after a time period of topen, and N-channel Tr.
Turns off. Provided that in the continuous mode, next cycle starts before IL becomes to 0 because toff
time is not enough. In this case, IL value increases from this ILmin (>0).
In the case of PWM control system, the output voltage is maintained by controlling the on-time period (ton), with
the oscillator frequency (fosc) being maintained constant.
The maximum value (ILmax) and the minimum value (ILmin) of the current flowing through the inductor are the
same as those when P-channel Tr. turns on and off.
The difference between ILmax and ILmin, which is represented by I;
∆I=ILmax−ILmin=VOUT×topen/L=(VIN−VOUT)×ton/L........................................................ Equation 1
wherein, T
=1/fosc=ton+toff
duty (%)
=ton/T×100=ton×fosc×100
topen <
= toff
In Equation 1, VOUT
×topen/L and (VIN − VOUT) ×ton/L respectively show the change of the current at "ON", and the
change of the current at "OFF".


Similar Part No. - R5220K301B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220K301B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com