Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326Z013A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5326Z013A
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z013A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5326Z013A Datasheet HTML 1Page - RICOH electronics devices division R5326Z013A Datasheet HTML 2Page - RICOH electronics devices division R5326Z013A Datasheet HTML 3Page - RICOH electronics devices division R5326Z013A Datasheet HTML 4Page - RICOH electronics devices division R5326Z013A Datasheet HTML 5Page - RICOH electronics devices division R5326Z013A Datasheet HTML 6Page - RICOH electronics devices division R5326Z013A Datasheet HTML 7Page - RICOH electronics devices division R5326Z013A Datasheet HTML 8Page - RICOH electronics devices division R5326Z013A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
R5326x
3
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user's
request. The selection can be made with designating the part number as shown below;
R5326xxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a
b c
d
e
Code
Contents
a
Designation of Package Type:
N: SOT-23-6
K: PLP1820-6
Z: WLCSP-6-P1
b
Setting combination of 2ch Output Voltage (VOUT):
Serial Number for Voltage Setting, Stepwise setting with a step of 0.1V in the range of
0.8V to 4.2V is possible for each channel.
c
Designation of Mask Option:
A: without auto discharge function* at OFF state.
B: with auto discharge function* at OFF state.
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; for SOT-23-6 and PLP1820-6),
E2 (for WLCSP-6-P1)
e
Designation of composition of plating:
−F
: Lead free plating (SOT-23-6, WLCSP-6-P1)
None : Au plating (PLP1820-6)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.


Similar Part No. - R5326Z013A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z015-E2-F RICOH-R5326Z015-E2-F Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326Z013A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com