Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5323K030A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5323K030A
Description  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K030A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5323K030A Datasheet HTML 2Page - RICOH electronics devices division R5323K030A Datasheet HTML 3Page - RICOH electronics devices division R5323K030A Datasheet HTML 4Page - RICOH electronics devices division R5323K030A Datasheet HTML 5Page - RICOH electronics devices division R5323K030A Datasheet HTML 6Page - RICOH electronics devices division R5323K030A Datasheet HTML 7Page - RICOH electronics devices division R5323K030A Datasheet HTML 8Page - RICOH electronics devices division R5323K030A Datasheet HTML 9Page - RICOH electronics devices division R5323K030A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
R5323x
6
Electrical Characteristics by Output Voltage
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
VOUT
=1.5
0.38
0.70
VOUT
=1.6
0.35
0.65
VOUT
=1.7
0.33
0.60
1.8V <
= VOUT <
= 2.0V
0.32
0.55
2.1V <
= VOUT <
= 2.7V
0.28
0.50
2.8V <
= VOUT <
= 4.0V
IOUT
=150mA
0.22
0.35
TYPICAL APPLIATION
OUT2
OUT1
IN
VOUT2
VOUT1
GND
CE1
CE2
VDD
R5323x
Series
C3
C2
C1
(External Components)
Ceramic Capacitor Type C1,C2,C3
Recommended Ceramic capacitor for Output: GRM219R61A105K (Murata)
General Example of External Components
Ceramic Capacitors: C1608X5R0J105K (TDK)
GRM188R60J105K (Murata)


Similar Part No. - R5323K030A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A RICOH-R5323N001A Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A-TR RICOH-R5323N001A-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B RICOH-R5323N001B Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B-TR RICOH-R5323N001B-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
More results

Similar Description - R5323K030A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com