Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5325K021A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5325K021A
Description  150mA 2ch LDO REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5325K021A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5325K021A Datasheet HTML 1Page - RICOH electronics devices division R5325K021A Datasheet HTML 2Page - RICOH electronics devices division R5325K021A Datasheet HTML 3Page - RICOH electronics devices division R5325K021A Datasheet HTML 4Page - RICOH electronics devices division R5325K021A Datasheet HTML 5Page - RICOH electronics devices division R5325K021A Datasheet HTML 6Page - RICOH electronics devices division R5325K021A Datasheet HTML 7Page - RICOH electronics devices division R5325K021A Datasheet HTML 8Page - RICOH electronics devices division R5325K021A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
R5325x
4
PIN CONFIGURATION
SOT-23-6
PLP1820-6
6
5
4
1
2
3
(mark side)
Top View
6
54
123
Bottom View
4
5
6
32
1
PIN DESCRIPTIONS
SOT-23-6
PLP1820-6
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT1
Output Pin 1
1
VOUT2
Output Pin 2
2
VDD
Input Pin
2
VDD
Input Pin
3
VOUT2
Output Pin 2
3
VOUT1
Output Pin 1
4
CE2
Chip Enable Pin 2
4
CE1
Chip Enable Pin 1
5
GND
Ground Pin
5
GND
Ground Pin
6
CE1
Chip Enable Pin 1
6
CE2
Chip Enable Pin 2
∗ Tab in the
parts have GND level.
(They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Input Voltage (CE Pin)
6.5
V
VOUT
Output Voltage
−0.3 to VIN + 0.3
V
IOUT1, IOUT2
Output Current
200
mA
Power Dissipation (SOT-23-6) *
Note1
420
PD
Power Dissipation (PLP1820-6) *
Note1
880
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
Note1: For Power Dissipation please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R5325K021A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5325N RICOH-R5325N Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001A RICOH-R5325N001A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001B RICOH-R5325N001B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002A RICOH-R5325N002A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002B RICOH-R5325N002B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
More results

Similar Description - R5325K021A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com