Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326Z013B Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R5326Z013B
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z013B Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R5326Z013B Datasheet HTML 4Page - RICOH electronics devices division R5326Z013B Datasheet HTML 5Page - RICOH electronics devices division R5326Z013B Datasheet HTML 6Page - RICOH electronics devices division R5326Z013B Datasheet HTML 7Page - RICOH electronics devices division R5326Z013B Datasheet HTML 8Page - RICOH electronics devices division R5326Z013B Datasheet HTML 9Page - RICOH electronics devices division R5326Z013B Datasheet HTML 10Page - RICOH electronics devices division R5326Z013B Datasheet HTML 11Page - RICOH electronics devices division R5326Z013B Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
R5326x
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
0.8V(VR1/VR2)
1.5V(VR1/VR2)
VIN=1.4V
VIN=1.5V
VIN=1.6V
VIN=1.8V
VIN=2.8V
VIN=3.8V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0.8
0.9
VIN=1.8V
VIN=2.5V
VIN=3.5V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
1.6
2.8V(VR1/VR2)
4.0V(VR1/VR2)
VIN=3.1V
VIN=3.8V
VIN=4.8V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.5
2.0
3.0
VIN=4.3V
VIN=5.0V
VIN=6.0V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
4.5
2) Input Voltage vs. Output Voltage
0.8V(VR1/VR2)
1.5V(VR1/VR2)
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
Input Voltage VIN(V)
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
6
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
Input Voltage VIN(V)
0
0.9
0.6
0.3
1.8
1.5
1.2
6


Similar Part No. - R5326Z013B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z015-E2-F RICOH-R5326Z015-E2-F Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326Z013B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com