Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5325K029A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5325K029A
Description  150mA 2ch LDO REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5325K029A Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5325K029A Datasheet HTML 1Page - RICOH electronics devices division R5325K029A Datasheet HTML 2Page - RICOH electronics devices division R5325K029A Datasheet HTML 3Page - RICOH electronics devices division R5325K029A Datasheet HTML 4Page - RICOH electronics devices division R5325K029A Datasheet HTML 5Page - RICOH electronics devices division R5325K029A Datasheet HTML 6Page - RICOH electronics devices division R5325K029A Datasheet HTML 7Page - RICOH electronics devices division R5325K029A Datasheet HTML 8Page - RICOH electronics devices division R5325K029A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
R5325x SERIES
150mA 2ch LDO REGULATOR
NO.EA-127-0606
1
OUTLINE
The R5325x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, low supply
current (Typ. 3.0
µA), low dropout, and fast transient response. Each of these voltage regulator ICs consists of a
voltage reference unit, an error amplifier, resistors for setting output voltage, a current limit circuit, and a chip
enable circuit.
These ICs perform with low dropout voltage due to built-in transistor with low ON resistance, and a chip enable
function prolongs the battery life of each system. The line transient response and load transient response of the
R5325x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication
equipment.
The supply current at no load of R5325x Series is remarkably reduced compared with R5325x Series. The
mode change signal to reduce the supply current is not necessary.
The output voltage of these ICs is internally fixed with high accuracy (
±1.0%) Since the packages for these ICs
are SOT-23-6 and PLP1820-6 package, 2ch LDO regulators are included in each, high density mounting of the
ICs on boards is possible.
FEATURES
• Input Voltage .................................................................1.5V to 6.0V
• Output Voltage ..............................................................1.2V to 4.0V
• High Output Voltage Accuracy ......................................±1.0% (VOUT >
= 1.5V)
• Low Supply Current ......................................................Typ. 3.0µA (VR1, VR2)
• Standby Current ............................................................Typ. 0.1µA (VR1,VR2)
• Low Dropout Voltage.....................................................Typ. 0.2V (IOUT=150mA ,VOUT=3.0V)
• High Ripple Rejection ...................................................Typ. 55dB (f=1kHz)
• Built-in fold-back protection circuit ................................Typ. 50mA (Current at short mode)
• Low Temperature-Drift Coefficient of Output Voltage....Typ. ±100ppm/°C
• Excellent Line Regulation .............................................Typ.0.02%/V
• Built-in chip enable circuit (active “H”)
• Fast Transient Response Time from large load current to small load current (50% less than R5323x)
• Small Packages ..........................................................SOT-23-6, PLP1820-6
• Ceramic Capacitor is recommended. (0.1µF or more)
APPLICATIONS
• Power source for handheld communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R5325K029A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5325N RICOH-R5325N Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001A RICOH-R5325N001A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001B RICOH-R5325N001B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002A RICOH-R5325N002A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002B RICOH-R5325N002B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
More results

Similar Description - R5325K029A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com