Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62243 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62243
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62243 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62243 Datasheet HTML 3Page - Texas Instruments TPS62243 Datasheet HTML 4Page - Texas Instruments TPS62243 Datasheet HTML 5Page - Texas Instruments TPS62243 Datasheet HTML 6Page - Texas Instruments TPS62243 Datasheet HTML 7Page - Texas Instruments TPS62243 Datasheet HTML 8Page - Texas Instruments TPS62243 Datasheet HTML 9Page - Texas Instruments TPS62243 Datasheet HTML 10Page - Texas Instruments TPS62243 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
PFM
T =-40°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
PWM
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
T =25°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
PFM
PWM
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2V
I
T =25°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
O
I
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
PFM
PWM
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =3.6V
I
V =4.5V
I
V =3V
I
V =2.7V
I
V =2.3V
I
T =85°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
O
O
m
m
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Similar Part No. - TPS62243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62243 TI1-TPS62243 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62243DRVR TI1-TPS62243DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRVRG4 TI1-TPS62243DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRVT TI1-TPS62243DRVT Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Similar Description - TPS62243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com