Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62240DDCTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62240DDCTG4
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DDCTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62240DDCTG4 Datasheet HTML 1Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 2Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS62240DDCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
V IN
GND
EN
FB
SW
TPS62240DVR
R1
R2
VOUT
MODE
C
4.7 F
IN
m
L
2.2 H
m
C
22pF
1
C
10 F
OUT
m
L:LPS30152.2 H,110m
C
GRM188R60J475K4.7 FMurata0603size
C
m
W
m
IN
OUT GRM188R60J106M10
FMurata0603size
m
TYPICAL CHARACTERISTICS
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
Table of Graphs
FIGURE
vs Output current, Power Save Mode
Figure 1
vs Output current, Forced PWM Mode
Figure 2
Efficiency
vs Output current
Figure 3
vs Output current
Figure 4
vs Output current, TA = 25°C, Mode = GND
Figure 5
vs Output current, TA = –40°C, Mode = GND
Figure 6
vs Output current, TA = 85°C, Mode = GND
Figure 7
Output voltage accuracy
vs Output current, TA = 25°C, Mode = VI
Figure 8
vs Output current, TA = 85°C, Mode = GND
Figure 9
vs Output current, TA = –40°C, Mode = VI
Figure 10
Startup timing
Figure 11
PWM Mode with VO = 1.8V
Figure 12
Typical operation
PFM Mode with VO = 1.8V
Figure 13
PFM Mode Ripple
Figure 14
1 mA to 50 mA with VO = 1.8V
Figure 15
PFM load transient
20 mA to 200 mA with VO = 1.8V
Figure 16
50 mA to 200 mA with VO = 1.8V
Figure 17
IO = 50 mA, 3.6V to 4.2V
Figure 18
PFM line transient
IO= 250 mA, 3.6V to 4.2V
Figure 19
PFM to PWM
Figure 20
Mode transition
PWM to PFM
Figure 21
Shutdown Current into VIN
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 22
Quiescent Current
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 23
Figure 24
Static Drain-Source On-State
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Resistance
Figure 25
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Similar Part No. - TPS62240DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62240DDCTG4 TI1-TPS62240DDCTG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Similar Description - TPS62240DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com