Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3320F3 Datasheet(PDF) 8 Page - Power Innovations Ltd

Part # TISP3320F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3320F3 Datasheet(HTML) 8 Page - Power Innovations Ltd

Back Button TISP3320F3 Datasheet HTML 4Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 5Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 6Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 7Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 8Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 9Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 10Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 11Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 12Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TISP3240F3, TISP3260F3, TISP3290F3, TISP3320F3, TISP3380F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
8
MARCH 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
T and G, or R and G terminals
Figure 10.
TYPICAL CHARACTERISTICS
T and R terminals
Figure 11.
Figure 12.
SURGE CURRENT
Decay Time - µs
10
100
1000
10
100
1000
TC3HAA
vs
DECAY TIME
2
OFF-STATE CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
100
TC3HAG
JUNCTION TEMPERATURE
vs
V
D = ±50 V
NORMALISED BREAKDOWN VOLTAGES
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.9
1.0
1.1
1.2
TC3HAK
JUNCTION TEMPERATURE
vs
V
(BO)
V
(BR)
V
(BR)M
Both Polarities
Normalised to V
(BR)
I
(BR) = 100 µA and 25°C


Similar Part No. - TISP3320F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3320F3 BOURNS-TISP3320F3 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR BOURNS-TISP3320F3DR Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR-S BOURNS-TISP3320F3DR-S Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3SL BOURNS-TISP3320F3SL Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3SL-S BOURNS-TISP3320F3SL-S Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3320F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com