Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070H3BJ Datasheet(PDF) 7 Page - Power Innovations Ltd

Part # TISP4070H3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4070H3BJ Datasheet(HTML) 7 Page - Power Innovations Ltd

Back Button TISP4070H3BJ Datasheet HTML 3Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 4Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 5Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 6Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 7Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 8Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 9Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 10Page - Power Innovations Ltd TISP4070H3BJ Datasheet HTML 11Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
NOVEMBER 1997 - REVISED MARCH 1999
TISP4070H3BJ THRU TISP4095H3BJ, TISP4125H3BJ THRU TISP4200H3BJ,
TISP4240H3BJ THRU TISP4400H3BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
RATING AND THERMAL INFORMATION
Figure 8.
Figure 9.
Figure 10.
Figure 11.
NON-REPETITIVE PEAK ON-STATE CURRENT
vs
CURRENT DURATION
t - Current Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
6
7
8
9
15
20
30
10
TI4HAC
V
GEN = 600 Vrms, 50/60 Hz
R
GEN = 1.4*VGEN/ITSM(t)
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
THERMAL IMPEDANCE
vs
POWER DURATION
t - Power Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
7
15
20
30
40
50
70
150
1
10
100
TI4HAE
I
TSM(t) APPLIED FOR TIME t
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
V
DRM DERATING FACTOR
vs
MINIMUM AMBIENT TEMPERATURE
T
AMIN - Minimum Ambient Temperature - °C
-35
-25
-15
-5
5
15
25
-40
-30
-20
-10
0
10
20
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
TI4HAD
'4070 THRU '4095
'4240 THRU '4440
'4125 THRU '4200
IMPULSE RATING
vs
AMBIENT TEMPERATURE
T
A - Ambient Temperature - °C
-40 -30 -20 -10 0
102030 4050 607080
90
100
120
150
200
250
300
400
500
600
700
IEC 1.2/50, 8/20
ITU-T 10/700
FCC 10/560
BELLCORE 2/10
BELLCORE 10/1000
FCC 10/160
TC4HAA


Similar Part No. - TISP4070H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com