Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2842AQD8 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2842AQD8
Description  CURRENT-MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2842AQD8 Datasheet(HTML) 2 Page - Texas Instruments

  UC2842AQD8 Datasheet HTML 1Page - Texas Instruments UC2842AQD8 Datasheet HTML 2Page - Texas Instruments UC2842AQD8 Datasheet HTML 3Page - Texas Instruments UC2842AQD8 Datasheet HTML 4Page - Texas Instruments UC2842AQD8 Datasheet HTML 5Page - Texas Instruments UC2842AQD8 Datasheet HTML 6Page - Texas Instruments UC2842AQD8 Datasheet HTML 7Page - Texas Instruments UC2842AQD8 Datasheet HTML 8Page - Texas Instruments UC2842AQD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ
CURRENT-MODE PWM CONTROLLER
SGLS164 – APRIL 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC-8 – D8
Tape and reel
UC2842AQD8R
2842AQ
SOIC-8 – D8
Tube
UC2842AQD8
2842AQ
SOIC-14 – D
Tape and reel
UC2842AQDR
2842AQ
SOIC-14 – D
Tube
UC2842AQD
2842AQ
SOIC-8 – D8
Tape and reel
UC2843AQD8R
2843AQ
SOIC-8 – D8
Tube
UC2843AQD8
2843AQ
SOIC-14 – D
Tape and reel
UC2843AQDR
2843AQ
40
°Cto125°C
SOIC-14 – D
Tube
UC2843AQD
2843AQ
–40
°C to 125°C
SOIC-8 – D8
Tape and reel
UC2844AQD8R
2844AQ
SOIC-8 – D8
Tube
UC2844AQD8
2844AQ
SOIC-14 – D
Tape and reel
UC2844AQDR
2844AQ
SOIC-14 – D
Tube
UC2844AQD
2844AQ
SOIC-8 – D8
Tape and reel
UC2845AQD8R
2845AQ
SOIC-8 – D8
Tube
UC2845AQD8
2845AQ
SOIC-14 – D
Tape and reel
UC2845AQDR
2845AQ
SOIC-14 – D
Tube
UC2845AQD
2845AQ
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
block diagram
NOTES:
1. A = DIL-8 Pin Number. B = SO-14 Pin Number.
2. Toggle flip flop used only in 2844A and 2845A.


Similar Part No. - UC2842AQD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2842AQD8 TI1-UC2842AQD8 Datasheet
1Mb / 19P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC2842AQD8R TI1-UC2842AQD8R Datasheet
1Mb / 19P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UC2842AQD8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com