Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK688192Z Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK688192Z
Description  32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK688192Z Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK688192Z Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK688192Z Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK63232W SRAM Module consists of fast high perfor-
mance SRAMs mounted on a low profile, 64 pin SIM Board. The
module utilizes four 28 pin 32K x 8 SRAMs in SOJ packages and
four decoupling capacitor chips on one side of the circuit board.
The SRAMs used have common I/O functions and single output en-
able functions. Also, four separate chip select (CE) connections are
used to independently enable the four bytes. The modules can be
supplied in a variety of access time values from 12 nSEC to
45 nSEC in CMOS or BiCMOS technology.
The Accutek module is designed for the lowest height off the board,
consistent with the availability of commonly available SRAM SOJ
package configurations. Each conforms to JEDEC - standard sizes
and pin-out configurations. This, along with use of two pins for mod-
ule memory density identification, PD0 and PD1, minimizes
interchangeability and design considerations when changing from
one module size to the other in customer applications.
FEATURES
· 32,768 x 32 bit organization
· JEDEC Standardized 64 pin SIM format
· Common I/O, single OE functions with four separate chip
selects (CE)
· Low height, 0.600 inch maximum, for mounting in straight-up or
angled SIM sockets
· Upward compatible with 64k x 32, AK63264W, 256K x 32,
AK6322W and 1 meg x 32, AK6321024W designs
· Presence Detect, PD0 and PD1 for identifying module density
· Fast Access Times range from 12 nSEC BiCMOS to 45 nSEC
CMOS
· TTL compatible inputs and outputs
· Single 5 volt power supply - AK63232W
· Single 3.3 volt power supply - AK63232W/3.3
· Operating temperature range in free air, 0
0Cto700C
Accutek
Microcircuit
Corporation
AK63232W
32,768 x 32 Bit CMOS/BiCMOS
Static Random Access Memory
PIN NOMENCLATURE
A0 -A14
Address Inputs
CE1 -CE4
Chip Enable
DQ1 -DQ32
Data In/Data Out
OE
Output Enable
PD0 -PD1
Presence Detect
Vcc
Power Supply
Vss
Ground
WE
Write Enable
MODULE OPTIONS
Leadless SIM: AK63232W
Leaded SIP: AK63232G
PIN ASSIGNMENT
FUNCTIONAL DIAGRAM
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1
Vss
17
A2
33
CE4
49
A4
2
PD0
18
A9
34
CE3
50
A11
3
PD1
19
DQ13
35
NC
51
A5
4
DQ1
20
DQ5
36
NC
52
A12
5
DQ9
21
DQ14
37
OE
53
Vcc
6
DQ2
22
DQ6
38
Vss
54
A13
7
DQ10
23
DQ15
39
DQ25
55
A6
8
DQ3
24
DQ7
40
DQ17
56
DQ21
9
DQ11
25
DQ16
41
DQ26
57
DQ29
10
DQ4
26
DQ8
42
DQ18
58
DQ22
11
DQ12
27
Vss
43
DQ27
59
DQ30
12
Vcc
28
WE
44
DQ19
60
DQ23
13
A0
29
NC
45
DQ28
61
DQ31
14
A7
30
A14
46
DQ20
62
DQ24
15
A1
31
CE2
47
A3
63
DQ32
16
A8
32
CE1
48
A10
64
Vss
PD0 = Open
PD1 = Open
A0
A14
OE
WE
CE1
CE2
CE3
CE4
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
AO-
A14
OE
WE
CE
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
AO-
A14
OE
WE
CE
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
AO-
A14
OE
WE
CE
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
AO-
A14
OE
WE
CE
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
-
15
1
Pin 1
Pin 1
Pin 1
Pin 1


Similar Part No. - AK688192Z

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK688192Z ACCUTEK-AK688192Z Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK688192Z ACCUTEK-AK688192Z Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK688192Z ACCUTEK-AK688192Z Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK688192Z ACCUTEK-AK688192Z Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK688192Z ACCUTEK-AK688192Z Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK688192Z

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK63232Z ACCUTEK-AK63232Z Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK632256AW ACCUTEK-AK632256AW Datasheet
111Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632512AW ACCUTEK-AK632512AW Datasheet
88Kb / 2P
   524,288 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ Datasheet
114Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632256W ACCUTEK-AK632256W Datasheet
137Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W Datasheet
149Kb / 2P
   1,048,576 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632128W ACCUTEK-AK632128W Datasheet
107Kb / 2P
   131,072 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63216Z ACCUTEK-AK63216Z Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com