Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4082F3 Datasheet(PDF) 8 Page - Power Innovations Ltd

Part # TISP4082F3
Description  SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4082F3 Datasheet(HTML) 8 Page - Power Innovations Ltd

Back Button TISP4082F3 Datasheet HTML 4Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 5Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 6Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 7Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 8Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 9Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 10Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 11Page - Power Innovations Ltd TISP4082F3 Datasheet HTML 12Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TISP4072F3, TISP4082F3
SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
8
MARCH 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
protection voltage
The protection voltage, (V(BO) ), increases under lightning surge conditions due to thyristor regeneration.
This increase is dependent on the rate of current rise, di/dt, when the TISP is clamping the voltage in its
breakdown region. The V(BO) value under surge conditions can be estimated by multiplying the 50 Hz rate
V(BO) (250 V/ms) value by the normalised increase at the surge’s di/dt (Figure 7.) . An estimate of the di/dt
can be made from the surge generator voltage rate of rise, dv/dt, and the circuit resistance.
As an example, the CCITT IX K17 1.5 kV, 10/700 µs surge has an average dv/dt of 150 V/µs, but, as the rise
is exponential, the initial dv/dt is higher, being in the region of 450 V/µs. The instantaneous generator output
resistance is 25
. If the equipment has an additional series resistance of 20 , the total series resistance
becomes 45
. The maximum di/dt then can be estimated as 450/45 = 10 A/µs. In practice the
measured
di/
dt and protection voltage increase will be lower due to inductive effects and the finite slope
resistance of the TISP breakdown region.
capacitance
off-state capacitance
The off-state capacitance of a TISP is sensitive to junction temperature, TJ , and the bias voltage, comprising
of the dc voltage, VD , and the ac voltage, Vd . All the capacitance values in this data sheet are measured with
an ac voltage of 100 mV. The typical 25°C variation of capacitance value with ac bias is shown in Figure 13
When VD >> Vd the capacitance value is independent on the value of Vd . The capacitance is essentially
constant over the range of normal telecommunication frequencies.
Figure 13.
APPLICATIONS INFORMATION
NORMALISED CAPACITANCE
V
d - RMS AC Test Voltage - mV
1
10
100
1000
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
AIXXAA
Normalised to V
d = 100 mV
DC Bias, V
D = 0
RMS AC TEST VOLTAGE
vs


Similar Part No. - TISP4082F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4082F3LM POINN-TISP4082F3LM Datasheet
267Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4082F3LM BOURNS-TISP4082F3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4082F3LM-S BOURNS-TISP4082F3LM-S Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4082F3LMFR BOURNS-TISP4082F3LMFR Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4082F3LMFRS BOURNS-TISP4082F3LMFRS Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4082F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4290 POINN-TISP4290 Datasheet
116Kb / 6P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4290LP POINN-TISP4290LP Datasheet
133Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4160LP POINN-TISP4160LP Datasheet
134Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4180 POINN-TISP4180 Datasheet
167Kb / 9P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4125F3 POINN-TISP4125F3 Datasheet
326Kb / 12P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4240LP POINN-TISP4240LP Datasheet
132Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082 POINN-TISP4082 Datasheet
103Kb / 5P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4240F3 POINN-TISP4240F3 Datasheet
336Kb / 13P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082LP POINN-TISP4082LP Datasheet
132Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com