Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULQ2004ADG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ULQ2004ADG4
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULQ2004ADG4 Datasheet(HTML) 5 Page - Texas Instruments

  ULQ2004ADG4 Datasheet HTML 1Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 2Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 3Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 4Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 5Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 6Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 7Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 8Page - Texas Instruments ULQ2004ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
The ULN2001A is obsolete
and is no longer supplied.
ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A
HIGHVOLTAGE HIGHCURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS027G − DECEMBER 1976 − REVISED JUNE 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C (unless otherwise noted) (continued)
PARAMETER
TEST
TEST CONDITIONS
ULN2003A
ULN2004A
UNIT
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.4
6
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 250 mA
2.7
V
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 275 mA
7
V
IC = 300 mA
3
IC = 350 mA
8
Collector-emitter
II = 250 µA,
IC = 100 mA
0.9
1.1
0.9
1.1
VCE(sat)
Collector-emitter
saturation voltage
5
II = 350 µA,
IC = 200 mA
1
1.3
1
1.3
V
VCE(sat)
saturation voltage
5
II = 500 µA,
IC = 350 mA
1.2
1.6
1.2
1.6
V
1
VCE = 50 V,
II = 0
50
50
ICEX
Collector cutoff current
2
VCE = 50 V,
II = 0
100
100
µA
ICEX
Collector cutoff current
2
VCE = 50 V,
TA = 70°C
VI = 1 V
500
µA
VF
Clamp forward voltage
8
IF = 350 mA
1.7
2
1.7
2
V
II(off)
Off-state input current
3
VCE = 50 V,
IC = 500 µA,
50
65
50
65
A
II(off)
Off-state input current
3
VCE = 50 V,
TA = 70°C
IC = 500 µA,
50
65
50
65
µA
VI = 3.85 V
0.93
1.35
II
Input current
4
VI = 5 V
0.35
0.5
mA
II
Input current
4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current
7
VR = 50 V
50
50
A
IR
Clamp reverse current
7
VR = 50 V,
TA = 70°C
100
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF


Similar Part No. - ULQ2004ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2004ADG4 TI-ULQ2004ADG4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULQ2004ADG4 TI1-ULQ2004ADG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULQ2004ADG4 TI1-ULQ2004ADG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2004ADG4 TI1-ULQ2004ADG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - ULQ2004ADG4

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com