Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK36B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK36B
Description  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK36B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK36B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK36B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 70 -
.082(2.08)
.076(1.93)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.208(5.28)
.200(5.08)
SK32B THRU SK310B
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
3.0 Amperes
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-O
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.1 gram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK
32B
SK
33B
SK
34B
SK
35B
SK
36B
SK
39B
SK
310B
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified
Current at TL
(See Fig. 1)
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
0.5
0.75
0.85
V
0.5
0.6
Maximum DC Reverse Current (Note 1)
@ TA =25
℃at Rated DC Blocking Voltage
@ TA=100
IR
20
10.0
20.0
mA
mA
Typical Thermal Resistance ( Note 2 )
R
θJL
R
θJA
17
75
℃/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.4 x 0.4”(10 x 10mm) Copper Pad Areas.


Similar Part No. - SK36B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK36B MCC-SK36B Datasheet
622Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK36B MCC-SK36B Datasheet
309Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK36B TSC-SK36B Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK36B SMC-SK36B Datasheet
155Kb / 6P
   SCHOTTKY RECTIFIER
logo
Galaxy Semi-Conductor H...
SK36B BILIN-SK36B Datasheet
95Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK36B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS32 YANGJIE-SS32 Datasheet
768Kb / 2P
   3.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SK32 LUGUANG-SK32 Datasheet
147Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B LUGUANG-SK32B Datasheet
264Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_1 Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_1 Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL32A TSC-SKL32A Datasheet
52Kb / 3P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com