Electronic Components Datasheet Search |
|
R3111Q201B Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
R3111Q201B Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 44 page R3111x 7 • R3111x27xA/C Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit −VDET Detector Threshold 2.646 2.700 2.754 V VHYS Detector Threshold Hysteresis 0.081 0.135 0.189 V ISS Supply Current VDD =2.60V VDD =4.70V 0.9 1.1 2.7 3.3 µA VDDH Maximum Operating Voltage 10 V Topt =25°C 0.55 0.70 VDDL Minimum Operating Voltage ∗Note1 −40°C < = Topt < = 85°C 0.65 0.80 V Nch VDS =0.05V,VDD=0.70V VDS =0.50V,VDD=1.50V 0.01 1.00 0.05 2.00 mA IOUT Output Current (Driver Output Pin) Pch VDS =−2.1V,VDD=4.5V 1.0 2.0 mA tPLH Output Delay Time ∗Note2 100 µs ∆−VDET/ ∆Topt Detector Threshold Temperature Coefficient −40°C < = Topt < = 85°C ±100 ppm/ °C • R3111x36xA/C Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit −VDET Detector Threshold 3.528 3.600 3.672 V VHYS Detector Threshold Hysteresis 0.108 0.180 0.252 V ISS Supply Current VDD = 3.47V VDD = 5.60V 1.0 1.2 3.0 3.6 µA VDDH Maximum Operating Voltage 10 V Topt =25°C 0.55 0.70 VDDL Minimum Operating Voltage ∗Note1 −40°C < = Topt < = 85°C 0.65 0.80 V Nch VDS =0.05V,VDD=0.70V VDS =0.50V,VDD=1.50V 0.01 1.00 0.05 2.00 mA IOUT Output Current (Driver Output Pin) Pch VDS =−2.1V,VDD=4.5V 1.0 2.0 mA tPLH Output Delay Time ∗Note2 100 µs ∆−VDET/ ∆Topt Detector Threshold Temperature Coefficient −40°C < = Topt < = 85°C ±100 ppm/ °C ∗Note1:Minimum operating voltage means the value of input voltage when output voltage maintains 0.1V or less. (In the case of Nch Open Drain Output type, the output pin is pulled up with a resistance of 470k Ω to 5.0V.) ∗Note2:In the case of CMOS Output type: The time interval between the rising edge of VDD input pulse from 0.7V to ( +VDET)+2.0V and output voltage level becoming to ((+VDET)+2.0V)/2. In the case of Nch Open Drain Output type: The output pin is pulled up with a resistance of 470k Ω to 5.0V, the time interval between the rising edge of VDD input pulse from 0.7V to ( +VDET)+2.0V and output voltage level becoming to 2.5V. |
Similar Part No. - R3111Q201B |
|
Similar Description - R3111Q201B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |