Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP102K251B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP102K251B
Description  LOW NOISE 300mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K251B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP102K251B Datasheet HTML 1Page - RICOH electronics devices division RP102K251B Datasheet HTML 2Page - RICOH electronics devices division RP102K251B Datasheet HTML 3Page - RICOH electronics devices division RP102K251B Datasheet HTML 4Page - RICOH electronics devices division RP102K251B Datasheet HTML 5Page - RICOH electronics devices division RP102K251B Datasheet HTML 6Page - RICOH electronics devices division RP102K251B Datasheet HTML 7Page - RICOH electronics devices division RP102K251B Datasheet HTML 8Page - RICOH electronics devices division RP102K251B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RP102x
5
ELECTRICAL CHARACTERISTICS
RP102xxx1B/D
VIN
=Set VOUT+1V for VOUT options grater than 1.5V. VIN=2.5V for VOUT <
= 1.5V.
IOUT
=1mA, CIN=COUT=1µF, unless otherwise noted.
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT > 2.0V
×0.992
×1.008
V
VOUT
Output Voltage
VIN
=Set VOUT+1V
VOUT <
= 2.0V
−16
+16
mV
IOUT
Output Current
300
mA
1mA <
= IOUT <
= 150mA
10
20
∆VOUT/
∆IOUT
Load Regulation
1mA <
= IOUT <
= 300mA
20
40
mV
VDIF
Dropout Voltage
Refer to the Electrical Characteristics by Output Voltage
ISS
Supply Current
IOUT
=0mA
50
70
µA
Istandby
Supply Current (Standby)
VCE
=0V
0.1
2.0
µA
∆VOUT/
∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 5V
0.02
0.10
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V, IOUT=30mA
(In case that VOUT <
= 2V, VIN=3V)
80
dB
VIN
Input Voltage*
1.7
5.25
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±20
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
IPD
CE Pull-down Current
0.05
0.3
0.6
µA
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
IOUT
=30mA
30
µVrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VIN
=4V
VCE
=0V
30
*) When Input Voltage is 5.5V, the total operational time must be within 500hrs.
Electrical Characteristics by Output Voltage
Topt
=25°C
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
Condition
Typ.
Max.
1.2V <
= VOUT < 1.5V
0.145
-
0.290
0.500
1.5V <
= VOUT < 1.7V
0.110
0.160
0.220
0.320
1.7V <
= VOUT < 2.0V
0.100
0.140
0.200
0.280
2.0V <
= VOUT < 2.5V
0.085
0.120
0.170
0.240
2.5V <
= VOUT < 2.8V
0.070
0.100
0.140
0.200
2.8V <
= VOUT <
= 3.3V
IOUT
=150mA
0.060
0.095
IOUT
=300mA
0.120
0.190


Similar Part No. - RP102K251B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K251B RICOH-RP102K251B Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K251B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com