Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR303 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR303
Description  3.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR303 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR303 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR303 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SR302 THUR SR315)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
26
8
4
10
20
100
40
60 80
0
60
30
90
120
150
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL FORWARD CHARACTERISTICS
.2
.3
.4
.5
.6
.7
.8
.9
1.0
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
SR302-SR304
SR305-SR306
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
.4
.2
1.0
4
2
10
20
40
100
10
20
40
60
100
80
200
400
600
1000
REVERSE VOLTAGE. (V)
SR302-304
SR305-306
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
75
100
125
150
175
0
1
2
3
4
LEAD TEMPERATURE. ( C)
o
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
SR305-315
SR302-304
Tj=75 C
0
Tj=25oC
Pulse Width=300 s
1% Duty Cycle
SR309-SR310
SR309-315
Version: B07
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SR315


Similar Part No. - SR303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR303 MOSPEC-SR303 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Micro Commercial Compon...
SR303 MCC-SR303 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Jinan Gude Electronic D...
SR303 JGD-SR303 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR303 FRONTIER-SR303 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR303 DIODES-SR303 Datasheet
65Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
More results

Similar Description - SR303

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_09 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SRAD320 TSC-SRAD320 Datasheet
52Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR320 YANGJIE-SR320 Datasheet
694Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR302 JGD-SR302 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR302 TSC-SR302_10 Datasheet
194Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com