Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100K331D Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP100K331D
Description  LOW NOISE 200mA LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP100K331D Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP100K331D Datasheet HTML 1Page - RICOH electronics devices division RP100K331D Datasheet HTML 2Page - RICOH electronics devices division RP100K331D Datasheet HTML 3Page - RICOH electronics devices division RP100K331D Datasheet HTML 4Page - RICOH electronics devices division RP100K331D Datasheet HTML 5Page - RICOH electronics devices division RP100K331D Datasheet HTML 6Page - RICOH electronics devices division RP100K331D Datasheet HTML 7Page - RICOH electronics devices division RP100K331D Datasheet HTML 8Page - RICOH electronics devices division RP100K331D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
RP100x
5
TYPICAL APPLICATION
C1
RP100x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C2
1.0
µF
MURATA: GRM155B31A105KE15
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
Ceramic capacitors have different temperature characteristics and bias characteristics depending on their
dimensions and manufacturers. If the setting voltage is 2.5V or more and the capacitor’s dimensions for V
OUT
equal to 1.0mm by 0.5mm or smaller than that, the capacitance value might be extremely low. As a result, the
capacitance might be much less than expected value. In such cases, the operation might be unstable at low
temperature. (-20
°C or less) In that case, use a larger capacity, or a large dimensions’ capacitor. (For
example 1.6mm by 0.8mm)
If a tantalum capacitor is selected as an output capacitor, large ESR may be a cause of unstable operation.
Evaluate the operation of PCB with considerable frequency characteristics.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP100K331D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100K331D-TR RICOH-RP100K331D-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
More results

Similar Description - RP100K331D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com