Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR10150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR10150
Description  10.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR10150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR10150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR10150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 110 -
Version: B07
SR1020 - SR10150
10.0 AMPS. Schottky Barrier Rectifiers
TO-220AB
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity protection
application
Mechanical Data
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds/ .25”,(6.35mm) from
case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SR
1020
SR
1030
SR
1040
SR
1050
SR
1060
SR
1090
SR
10100
SR
10150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
120
A
M
aximum Instantaneous Forward Voltage
@5.0A
VF
0.55
0.70
0.85
0.95
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
310
pF
Typical Thermal Resistance (Note 1)
RθJC
3.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Thermal Resistance from Junction to Case Per Leg, Mounted on Heatsink size of
2” x 3” x 0.25” Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR10150

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR10150 MIC-SR10150 Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR10150 ZSELEC-SR10150 Datasheet
69Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SR10150 HORNBY-SR10150 Datasheet
266Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR10150 JINANJINGHENG-SR10150 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com