Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4240F3 Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TISP4240F3
Description  SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4240F3 Datasheet(HTML) 6 Page - Power Innovations Ltd

Back Button TISP4240F3 Datasheet HTML 2Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 3Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 4Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 5Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 6Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 7Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 8Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 9Page - Power Innovations Ltd TISP4240F3 Datasheet HTML 10Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TISP4240F3, TISP4260F3, TISP4290F3, TISP4320F3, TISP4380F3
SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
6
MARCH 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
R and T terminals
Figure 6.
Figure 7.
Figure 8.
Figure 9.
HOLDING CURRENT & BREAKOVER CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
TC3HAH
JUNCTION TEMPERATURE
vs
I
(BO)
I
H
NORMALISED BREAKOVER VOLTAGE
di/dt - Rate of Rise of Principle Current - A/µs
0·001
0·01
0·1
1
10
100
1.0
1.1
1.2
1.3
TC3HAB
Positive
RATE OF RISE OF PRINCIPLE CURRENT
vs
Negative
OFF-STATE CAPACITANCE
Terminal Voltage - V
0·1
1
10
10
100
TC3HAE
50
TERMINAL VOLTAGE
vs
Positive Bias
Negative Bias
OFF-STATE CAPACITANCE
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
1
10
100
TC3HAD
JUNCTION TEMPERATURE
vs
500
Terminal Bias = 0
Terminal Bias = 50 V
Terminal Bias = -50 V


Similar Part No. - TISP4240F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4240F3LM POINN-TISP4240F3LM Datasheet
267Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4240F3LM BOURNS-TISP4240F3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4240F3LM-S BOURNS-TISP4240F3LM-S Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4240F3LMFR BOURNS-TISP4240F3LMFR Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4240F3LMFRS BOURNS-TISP4240F3LMFRS Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4240F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4290 POINN-TISP4290 Datasheet
116Kb / 6P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4290LP POINN-TISP4290LP Datasheet
133Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4160LP POINN-TISP4160LP Datasheet
134Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4180 POINN-TISP4180 Datasheet
167Kb / 9P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4125F3 POINN-TISP4125F3 Datasheet
326Kb / 12P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4240LP POINN-TISP4240LP Datasheet
132Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082 POINN-TISP4082 Datasheet
103Kb / 5P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4072F3 POINN-TISP4072F3 Datasheet
301Kb / 12P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP4082LP POINN-TISP4082LP Datasheet
132Kb / 7P
   SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com