Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4265H4BJ Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP4265H4BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4265H4BJ Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP4265H4BJ Datasheet HTML 1Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 2Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 3Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 4Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 5Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 6Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 7Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 8Page - Power Innovations Ltd TISP4265H4BJ Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TISP4165H4BJ THRU TISP4200H4BJ, TISP4265H4BJ THRU TISP4360H4BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
1
NOVEMBER 1997 - REVISED MARCH 1999
Copyright © 1999, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
HIGH HOLDING CURRENT 100 A 10/1000 OVERVOLTAGE PROTECTORS
q
8 kV 10/700, 200 A 5/310 ITU-T K20/21 rating
q
High Holding Current . . . . . . . . . 225 mA min.
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Rated for International Surge Wave Shapes
q
Low Differential Capacitance . . . 39 pF max.
DEVICE
VDRM
MINIMUM
V
V(BO)
MAXIMUM
V
‘4165
135
165
‘4180
145
180
‘4200
155
200
‘4265
200
265
‘4300
230
300
‘4360
270
360
WAVE SHAPE
STANDARD
ITSP
A
2/10 µs
GR-1089-CORE
500
8/20 µs
IEC 61000-4-5
300
10/160 µs
FCC Part 68
250
10/700 µs
ITU-T K20/21
200
10/560 µs
FCC Part 68
160
10/1000 µs
GR-1089-CORE
100
description
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by
a.c. power system or lightning flash disturbances which are induced or conducted on to the telephone line. A
single device provides 2-point protection and is typically used for the protection of 2-wire telecommunication
equipment (e.g. between the Ring and Tip wires for telephones and modems). Combinations of devices can
be used for multi-point protection (e.g. 3-point protection between Ring, Tip and Ground).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially
clipped by breakdown clamping until the voltage rises to the breakover level, which causes the device to
crowbar into a low-voltage on state. This low-voltage on state causes the current resulting from the
overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup
as the diverted current subsides.
This TISP4xxxH4BJ range consists of six voltage variants to meet various maximum system voltage levels
(135 V to 270 V). They are guaranteed to voltage limit and withstand the listed international lightning surges
in both polarities. These high (H) current protection devices are in a plastic package SMBJ (JEDEC DO-
214AA with J-bend leads) and supplied in embossed carrier reel pack. For alternative voltage and holding
current values, consult the factory. For lower rated impulse currents in the SMB package, the 50 A 10/1000
TISP4xxxM3BJ series is available.
device symbol
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
12
T(A)
R(B)
SMBJ PACKAGE
(TOP VIEW)
MDXXBG


Similar Part No. - TISP4265H4BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4265H4BJ BOURNS-TISP4265H4BJ Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4265H4BJ BOURNS-TISP4265H4BJ Datasheet
356Kb / 11P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4265H4BJ-S BOURNS-TISP4265H4BJ-S Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4265H4BJR BOURNS-TISP4265H4BJR Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4265H4BJR-S BOURNS-TISP4265H4BJR-S Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4265H4BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com