Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ43A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ43A
Description  Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ43A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMCJ43A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ43A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ43A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ43A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ43A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
- 607 -
RATINGS AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
10
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
UNIDIRECTIONAL ONLY
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
1
10
100
td. PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.31X0.31" (8.0X8.0mm) COPPER PAD AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
T =25 C
A
0
FIG.6- TYPICAL JUNCTION CAPACITANCE
1
10
400
100
10
100
1000
10000
20000
VWM, REVERSE STAND-OFF VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MEASURED AT
ZERO BIAS
VR MEASURED AT
STAND-OFF
VOLTAGE,VWM
FIG.5- TYPICAL JUNCTION CAPACITANCE
BIDIRECTIONAL
1
10
400
100
10
100
1000
10000
VWM, REVERSE STAND-OFF VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MEASURED AT
ZERO BIAS
MEASURED AT
STAND-OFF
VOLTAGE,VWM
FIG.2- PULSE DERATING CURVE
0
25
50
75
100
125
150
175
200
0
50
100
200
TA, AMBIENT TEMPERATURE. C
O
FIG.3- PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
0
50
150
100
t, TIME, ms
tr=10 sec.
10/1000 sec. WAVEFORM
AS DEFINED BY R.E.A.
td
2
PEAK VALUE
lppm
HALF VALUE- lpp
PULSE WIDTH (td) is DEFINED
AS THE POINT WHERE THE PEAK
CURRENT DECAYS to 50% of lppm
150


Similar Part No. - SMCJ43A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ43A DCCOM-SMCJ43A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ43A VISHAY-SMCJ43A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ43A VISHAY-SMCJ43A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Socay Electornics Co., ...
SMCJ43A SOCAY-SMCJ43A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
SMCJ43A TSC-SMCJ43A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ43A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com