Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP101K181D5 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP101K181D5
Description  LOW NOISE 300mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K181D5 Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP101K181D5 Datasheet HTML 1Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 2Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 3Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 4Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 5Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 6Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 7Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 8Page - RICOH electronics devices division RP101K181D5 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
RP101x
3
PIN CONFIGURATIONS
SOT-23-5
PLP1612-4, PLP1612-4B
1
2
3
4
5
(mark side)
Top View
4
3
12
Bottom View
3
4
2
1
PIN DESCRIPTIONS
SOT-23-5
PLP1612-4, PLP1612-4B
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VDD
Input Pin
1
VOUT
Output Pin
2
GND
Ground Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin
("H" Active)
3
CE
Chip Enable Pin
("H" Active)
4
NC
No Connection
4
VDD
Input Pin
5
VOUT
Output Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
310
mA
Power Dissipation (SOT-23-5) *
420
Power Dissipation (PLP1612-4) *
610
PD
Power Dissipation (PLP1612-4B) *
580
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
∗) Tab in the
parts have GND level.
(They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.


Similar Part No. - RP101K181D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K121B-TR RICOH-RP101K121B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K121D-TR RICOH-RP101K121D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K122B-TR RICOH-RP101K122B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K122D-TR RICOH-RP101K122D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K151B-TR RICOH-RP101K151B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results

Similar Description - RP101K181D5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com