Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G373 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP1G373
Description  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G373 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP1G373 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AUP1G373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 July 2007
5 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.75
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = −2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOZ
3-state output OFF-state
current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO =0A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
40
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.8
-
pF
CO
output capacitance
output enabled; VO = GND; VCC = 0 V
-
1.7
-
pF
output disabled; VCC = 0 V to 3.6 V;
VO = GND or VCC
-
1.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× VCC --
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373GF NXP-74AUP1G373GF Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
74AUP1G373GM NXP-74AUP1G373GM Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
More results

Similar Description - 74AUP1G373

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com